PART |
Description |
Maker |
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
GS84032T-166 GS84032B-100 GS84032B-166 GS84032B-15 |
128K X 32 CACHE SRAM, 8 ns, PBGA119 4Mb56K x 18Bit) Synchronous Burst SRAM(4M位(256K x 18位)同步静态RAM(带2位脉冲地址计数器)) 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
|
GSI Technology
|
GS840E18AB-190 GS840E18AT-190I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PBGA119 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PQFP100
|
GSI Technology, Inc.
|
AT49BV2048 AT49LV2048 AT49LV2048A AT49LV2048A-70RC |
2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 2兆位56 × 8/128K × 16)单2.7伏电池电压⑩闪存 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 128K X 16 FLASH 3V PROM, 70 ns, PDSO44 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 128K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 128K X 16 FLASH 2.7V PROM, 120 ns, PDSO48 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage⑩ Flash Memory 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage Flash Memory 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage?/a> Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MCM63P818 MCM63P736 MCM63P736TQ100 MCM63P736ZP133R |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:8-2 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 256K X 18 CACHE SRAM, 5 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 5 ns, PQFP100 Replaced by PTH12000W :
|
MOTOROLA INC NEC, Corp. Motorola Mobility Holdings, Inc. Motorola, Inc.
|
LH532000B LH532000BT |
CMOS 2M (256K x 8/128K x 16) MROM 200万的CMOS56 × 8/128K × 16MROM LH532000BT CMOS 1M (128K x 8) Mask Programmable ROM 48-pin TSOP
|
Sharp, Corp. Sharp Corporation Sharp Electrionic Components Sharp Electronics Corp.
|
CY62147DV30L-55BVXE CY62147DV30LL-45BVXI CY62147DV |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 45 ns, PDSO44 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PDSO44 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PBGA48 4-Mbit (256K x 16) Static RAM 4兆位56K × 16)静态RAM 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 70 ns, PBGA48
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IDT71V2577YS75BQI IDT71V2577YS75BGI IDT71V2579S85B |
128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K X 36 CACHE SRAM, 8 ns, PQFP100 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K的x 36256亩18 3.3同步SRAM.5VI / O的流量通过输出脉冲计数器,单周期取 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K X 36 CACHE SRAM, 8.5 ns, PQFP100 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K X 36 CACHE SRAM, 7.5 ns, PQFP100 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K X 36 CACHE SRAM, 7.5 ns, PBGA119 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 256K X 18 CACHE SRAM, 7.5 ns, PBGA119 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 256K X 18 CACHE SRAM, 8 ns, PBGA165
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
CY7C0837AV CY7C0837AV-133BBC CY7C0837AV-133BBI CY7 |
FLEx18垄芒 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx183.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx18?/a> 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor Corp. http://
|
GS840F18AGT-7.5I GS840F36AGT-7.5I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PQFP100 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 7.5 ns, PQFP100
|
GSI Technology, Inc.
|
|